PART |
Description |
Maker |
ADT7411ARQ ADT7411ARQ-REEL ADT7411ARQ-REEL7 ADT741 |
SPI?-/I2C?-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
|
Analog Devices
|
ADT7411ARQZ-REEL7 ADT7411ARQZ10 ADT7411 ADT7411ARQ |
SPI/I2C® Compatible, 10-Bit Digital Temperature Sensor and Eight Channel ADC SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC SPI/I2C Compatible 10-Bit Digital Temperature Sensor and 8-Channel ADC
|
AD[Analog Devices] ETC[ETC]
|
AD7291 AD7291BCPZ AD7291BCPZ-RL7 |
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
|
Analog Devices
|
AD7416 AD7416-7418 AD7416AR AD7416ARM AD7417 AD741 |
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ADT751606 ADT7517ARQZ-REEL ADT7516ARQZ ADT7516ARQZ |
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 16Cel, RECTANGULAR, SURFACE MOUNT SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc.
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ADT7411 ADT7411ARQZ10 ADT7411ARQ-REEL7 ADT7411ARQZ |
Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:15-4 LJT 6C 6#12 SKT RECP SPI/I2C Compatible/ 10-Bit Digital Temperature Sensor and 8-Channel ADC SPI/I2C compatible锛?0-bit digital temperature sensor and 8-channel ADC SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC Circular Connector; No. of Contacts:55; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:17-35 Circular Connector; No. of Contacts:55; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:17-35
|
Analog Devices, Inc. ETC ANALOG DEVICES INC
|
AD677KRZ-REEL |
16-Bit, Serial, 100 kSPS Sampling ADC.; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28
|
Analog Devices, Inc.
|
|